Part Number Hot Search : 
CM531213 PS2651L2 FSL116LR LE2464C N60C3 AKD8181B 4998ET S1206
Product Description
Full Text Search
 

To Download HYS72V16220GU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data book 1 12.99 hys 64/72v8300/16220gu sdram-modules 3.3 v 8m 64/72-bit 1 bank sdram module 3.3 v 16m 64/72-bit 2 bank sdram module 168-pin unbuffered dimm modules the hys 64(72)v8300gu and hys 64(72)v16220gu are industry-standard 168-pin 8-byte dual in-line memory modules (dimms) which are organized as 8m 64, 8m 72 in 1 bank and 16m 64 and 16m 72 in two banks of high-speed memory arrays designed with 64m synchronous drams (sdrams) for non-parity and ecc applications. the dimms use -7.5 speed sorted 8m 8 sdram devices in tsop54 packages to meet the pc133-333 requirements and use -8 components for the standard pc100-222 applications. decoupling capacitors are mounted on the pc board. the pc board design is in accordance with i ntels pc sdram rev. 1.0 module specification. the dimms have serial presence detect, implemented with a serial e 2 prom using the two-pin i 2 c protocol. the first 128 bytes are utilized by the dimm manufacturer and the second 128 bytes are available to the end user. all infineon 168-pin dimms provide a high performance, flexible 8-byte interface in a 133.35 mm long footprint, with 1.25 (31.75 mm) height. ? 168-pin unbuffered 8-byte dual-in-line sdram modules for pc main memory applications ? pc100 and pc133 versions ? 1 bank 8m 64, 8m 72 and 2 bank 16m 64, 16m 72 organzation ? optimized for byte-write non-parity (x64) or ecc (x72) applications ? jedec standard synchronous drams (sdram) ? fully pc board layout compatible to intels rev. 1.0 module specification ? sdram performance: ? programmed latencies: ? single +3.3 v( 0.3 v) power supply ? programmable cas latency, burst length, and wrap sequence (sequential and interleave) ? auto-refresh (cbr) and self-refresh ? decoupling capacitors mounted on substrate ? all inputs and outputs are lvttl compatible ? serial presence detect with e 2 prom ? utilizes 8m 8 sdrams in tsopii-54 packages with 4096 refresh cycles every 64 ms ? 133.35 mm 31.75 mm 4,00 mm card size with gold-contact pads -7.5 -8 unit pc133 pc100 f ck clock frequency (max.) 133 100 mhz t ac clock access time 5.4 6 ns product speed cl t rcd t rp -7.5 pc133 3 3 3 -8 pc100 2 2 2
hys 64/72v8300/16220gu sdram-modules data book 2 12.99 note: all part numbers end with a place code (not shown), designating the die revision. consult factory for current revision. example: hys 64v8300gu-8-b, indicates that rev.b dies are used for sdram components. ordering information type code package descriptions module height 64 mbyte dimms hys 64v8300gu-7.5- pc133-333-520 l-dim-168-33 133 mhz 8m 64 1 bank sdram module 1.25 hys 72v8300gu-7.5- pc133-333-520 l-dim-168-33 133 mhz 8m 72 1 bank sdram module 1.25 hys 64v8300gu-8- pc100-222-620 l-dim-168-33 100 mhz 8m 64 1 bank sdram module 1.25 hys 72v8300gu-8- pc100-222-620 l-dim-168-33 100 mhz 8m 72 1 bank sdram module 1.25 128 mbyte dimms hys 64v16220gu-7.5- pc133-333-520 l-dim-168-30 133 mhz 16m 64 2 bank sdram module 1.25 hys 72v16220gu-7.5- pc133-333-520 l-dim-168-30 133 mhz 16m 72 2 bank sdram module 1.25 hys 64v16220gu-8- pc100-222-620 l-dim-168-30 100 mhz 16m 64 2 bank sdram module 1.25 hys 72v16220gu-8- pc100-222-620 l-dim-168-30 100 mhz 16m 72 2 bank sdram module 1.25
hys 64/72v8300/16220gu sdram-modules data book 3 12.99 pin definitions and functions a0-a11 address inputs we read/write input v ss ground ba0, ba1 bank selects cke0 , cke1 clock enable scl clock for spd dq0 - dq63 data input/output clk0 - clk3 clock input sda serial data out cb0-cb7 check bits (x72 only) dqmb0 - dqmb7 data mask n.c. no connection ras row address strobe cs0 - cs3 chip select CC cas column address strobe v dd power (+3.3 v) C C address format part number rows columns bank select refresh period interval 8m 64 hys 64v8300gu 12 9 2 4k 64 ms 15,6 m s 8m 72 hys 72v8300gu 12 9 2 4k 64 ms 15,6 m s 16m 64 hys 64v16220gu 12 9 2 4k 64 ms 15,6 m s 16m 72 hys 72v16220gu 12 9 2 4k 64 ms 15,6 m s pin configuration pin# symbol pin# symbol pin# symbol pin# symbol 1 v ss 43 v ss 85 v ss 127 v ss 2 dq0 44 du 86 dq32 128 cke0 3 dq1 45 cs2 87 dq33 129 cs3 4 dq2 46 dqmb2 88 dq34 130 dqmb6 5 dq3 47 dqmb3 89 dq35 131 dqmb7 6 v dd 48 du 90 v dd 132 n.c. 7dq4 49 v dd 91 dq36 133 v dd 8 dq5 50 n.c. 92 dq37 134 n.c. 9 dq6 51 n.c. 93 dq38 135 n.c. 10 dq7 52 n.c. (cb2) 94 dq39 136 cb6 11 dq8 53 n.c. (cb3) 95 dq40 137 cb7 12 v ss 54 v ss 96 v ss 138 v ss 13 dq9 55 dq16 97 dq41 139 dq48 14 dq10 56 dq17 98 dq42 140 dq49 15 dq11 57 dq18 99 dq43 141 dq50 16 dq12 58 dq19 100 dq44 142 dq51
hys 64/72v8300/16220gu sdram-modules data book 4 12.99 note: pin names in parentheses are for the x72 ecc versions; example: pin 106 = (cb5). 17 dq13 59 v dd 101 dq45 143 v dd 18 v dd 60 dq20 102 v dd 144 dq52 19 dq14 61 n.c. 103 dq46 145 n.c. 20 dq15 62 du 104 dq47 146 du 21 n.c. (cb0) 63 cke1 105 n.c. (cb4) 147 n.c. 22 n.c. (cb1) 64 v ss 106 n.c. (cb5) 148 v ss 23 v ss 65 dq21 107 v ss 149 dq53 24 n.c. 66 dq22 108 n.c. 150 dq54 25 n.c. 67 dq23 109 n.c. 151 dq55 26 v dd 68 v ss 110 v dd 152 v ss 27 we 69 dq24 111 cas 153 dq56 28 dqmb0 70 dq25 112 dqmb4 154 dq57 29 dqmb1 71 dq26 113 dqmb5 155 dq58 30 cs0 72 dq27 114 cs1 156 dq59 31 du 73 v dd 115 ras 157 v dd 32 v ss 74 dq28 116 v ss 158 dq60 33 a0 75 dq29 117 a1 159 dq61 34 a2 76 dq30 118 a3 160 dq62 35 a4 77 dq31 119 a5 161 dq63 36 a6 78 v ss 120 a7 162 v ss 37 a8 79 clk2 121 a9 163 clk3 38 a10 80 n.c. 122 ba0 164 n.c. 39 ba1 81 wp 123 a11 165 sa0 40 v dd 82 sda 124 v dd 166 sa1 41 v dd 83 scl 125 clk1 167 sa2 42 clk0 84 v dd 126 n.c. 168 v dd pin configuration (contd) pin# symbol pin# symbol pin# symbol pin# symbol
hys 64/72v8300/16220gu sdram-modules data book 5 12.99 block diagram for 8m 64/72 sdram dimm modules (hys 64/72v8300gu) spb03958 dq0-dq7 dqm we d0 cs0 we dq(7:0) dqmb0 dq0-dq7 dq(39:32) dqmb4 dqm d4 dq0-dq7 dq(15:8) dqmb1 dqm d1 cs dq0-dq7 dq(47:40) dqmb5 dqm d5 dq0-dq7 cb(7:0) dqm cs d8 dq0-dq7 dq0-dq7 dq(31:24) dqmb3 dq(23:16) dqmb2 dqm dqm cs2 cs cs cs d3 d2 dqmb7 dq(63:56) dqmb6 dq(55:48) cs d7 d6 dq0-dq7 dqm dq0-dq7 dqm a0-a11, ba0, ba1 d0-d7, (d8) cc v ss v c0-c15, (c16, c17) d0-d7, (d8) ras d0-d7, (d8) d0-d7, (d8) cas clock wiring 8 m x 64 8 m x 72 clk0 4 sdram + 3.3 pf 5 sdram termination termination clk1 4 sdram + 3.3 pf 4 sdram + 3.3 pf clk2 clk3 47 k scl scl 2 sa0 sa1 sa2 e prom (256 word x 8 bit) sa1 sa0 sa2 sda wp w cs cs we we we we cs we we we we d0-d7, (d8) cke0 d0-d7, (d8) termination termination note: d8 is only used in the x72 ecc version.
hys 64/72v8300/16220gu sdram-modules data book 6 12.99 block diagram for 16m 64/72 sdram dimm modules (hys 64/72v16220gu) spb03769 dq0-dq7 dqm cs d0 dq0-dq7 dqm d8 cs cs0 cs1 dq(7:0) dqmb0 dq0-dq7 dq(39:32) dqmb4 dqm cs d4 cs dq0-dq7 dqm d12 dq0-dq7 dq(15:8) dqmb1 dqm cs d1 cs dq0-dq7 dqm d9 dq0-dq7 dq(47:40) dqmb5 dqm cs cs d5 dqm dq0-dq7 d13 dq0-dq7 cb(7:0) dqm cs cs d16 dqm dq0-dq7 d17 dq0-dq7 dq0-dq7 dq(31:24) dqmb3 dq(23:16) dqmb2 dqm dqm cs3 cs2 cs cs cs cs cs cs d3 dq0-dq7 dqm d2 dqm dq0-dq7 dqmb7 dq(63:56) d11 dqmb6 dq(55:48) d10 cs d7 d6 dq0-dq7 dqm dq0-dq7 dqm cs dq0-dq7 dqm d15 dqm dq0-dq7 d14 a0-a11, ba0, ba1 d0-d15, (d16, d17) dd v ss v c0-c31, (c32...c35) d0-d15, (d16, d17) d0-d7, (d8) ras, cas, we d0-d15, (d16, d17) d0-d7, (d16) cke0 d9-d15, (d17) cke1 dd v 10 k w clock wiring 16 m x 64 16 m x 72 clk0 4 sdram + 3.3 pf 5 sdram 5 sdram 4 sdram + 3.3 pf clk1 4 sdram + 3.3 pf 4 sdram + 3.3 pf clk2 4 sdram + 3.3 pf clk3 4 sdram + 3.3 pf 47 k scl scl 2 sa0 sa1 sa2 e prom (256 word x 8 bit) sa1 sa0 sa2 sda wp w note: d16 & d17 is only used in the x72 ecc version and all resistor values are 10 except otherwise noted. w
hys 64/72v8300/16220gu sdram-modules data book 7 12.99 dc characteristics t a = 0 to 70 c; v ss =0v; v dd , v ddq =3.3v 0.3 v parameter symbol limit values unit min. max. input high voltage v i h 2.0 v dd +0.3 v input low voltage v il C0.5 0.8 v output high voltage ( i out =C4.0ma) v oh 2.4 C v output low voltage ( i out =4.0 ma) v ol C0.4v input leakage current, any input (0 v < v in < 3.6 v, all other inputs = 0 v) i i(l) C40 40 m a output leakage current (dq is disabled, 0 v < v out < v dd ) i o(l) C40 40 m a capacitance t a = 0 to 70 c; v dd =3.3v 0.3 v, f =1mhz parameter symbol limit values unit max. 8m 64 max. 8m 72 max. 16m 64 max. 16m 72 input capacitance ( a0 to a11, ba0, ba1, ras , cas , we ) c i1 65 72 105 144 pf input capacitance (cs0 - cs3) c cs 32 40 32 40 pf input capacitance (clk0 - clk3) c clk 38 40 40 43 pf input capacitance (cke0, cke1) c cke 65 72 65 72 pf input capacitance (dqmb0 - dqmb7) c i4 13 13 20 20 pf input/output capacitance (dq0 - dq63, cb0 - cb7) c io 10 10 17 17 pf input capacitance (scl, sa0-2) c sc 888 8 pf input/output capacitance c sd 888 8 pf
hys 64/72v8300/16220gu sdram-modules data book 8 12.99 operating currents per sdram component 1) t a = 0 to 70 o c, v dd = 3.3 v 0.3 v (recommended operating conditions unless otherwise noted) parameter test condition symbol -7.5 -8 unit note max. operating current t rc = t rcmin. , t ck = t ckmin. outputs open, burst length = 4, cl = 3 all banks operated in random access, all banks operated in ping-pong manner to maximize gapless data access C i cc1 120 110 ma 1) precharge standby current in power down mode cs = v ih (min.), cke v il(max) t ck =min. i cc2p 22ma 1) t ck =infinity i cc2ps 1.5 1.5 ma 1) precharge stand-by current in non-power down mode cs = v ih (min.) , cke 3 v ih(min) t ck =min. i cc2n 40 35 ma 1) t ck =infinity i cc2ns 15 15 ma 1) no operating current t ck = min., cs = v ih(min) , active state (max. 4 banks) cke 3 v ih(min.) i cc3n 50 45 ma 1) cke v il(max.) i cc3p 88ma 1) burst operating current t ck =min., read command cycling C i cc4 80 70 ma 1), 2) auto-refresh current t ck =min., auto-refresh command cycling C i cc5 140 130 ma 1) self-refresh current self-refresh mode, cke = 0.2 v C i cc6 11ma 1)
hys 64/72v8300/16220gu sdram-modules data book 9 12.99 ac characteristics 3), 4) t a = 0 to 70 c; v ss =0v; v dd =3.3v 0.3 v, t t =1ns parameter symbol limit values unit note -7.5 pc133-333 -8 pc100-222 min. max. min. max. clock and access time clock cycle time cas latency = 3 cas latency = 2 t ck 7.5 10 C C 10 10 C C ns ns C system frequency cas latency = 3 cas latency = 2 f ck C C 133 100 C C 100 100 mhz mhz C clock access time cas latency = 3 cas latency = 2 t ac C C 5.4 6 C C 6 6 ns ns 4), 5) clock high pulse width t ch 2.5 C 3 C ns 6) clock low pulse width t cl 2.5 C 3 C ns 6) setup & hold parameters input setup time t is 1.5 C 2 C ns 7) input hold time t ih 0.8 C 1 C ns 7) power down mode entry time t sb C1C1clk 8) power down mode exit setup time t pde 1C1Cclk 9) mode register setup time t rsc 2C2Cclk transition time (rise and fall) t t 1C1CnsC common parameters ras to cas delay t rcd 20 C 20 C ns C precharge time t rp 20 C 20 C ns C active command period t ras 45 100k 50 100k ns C cycle time t rc 67.5 C 70 C ns C bank-to-bank delay time t rrd 15 C 16 C ns C cas to cas delay time (same bank) t ccd 1C1CclkC
hys 64/72v8300/16220gu sdram-modules data book 10 12.99 refresh cycle refresh period (4096 cycles) t ref C64C64ms self-refresh exit time t srex 1C1Cclk 10) read cycle data out hold time t oh 3C3Cns 4) data out to low impedance t lz 0C0CnsC data out to high impedance t hz 3738ns 11 dqm data out disable latency t dqz C2C2clkC write cycle data input to precharge (write recovery) t wr 2C2CclkC dqm write mask latency t dqw 0C0CclkC ac characteristics (contd) 3), 4) t a = 0 to 70 c; v ss =0v; v dd =3.3v 0.3 v, t t =1ns parameter symbol limit values unit note -7.5 pc133-333 -8 pc100-222 min. max. min. max.
hys 64/72v8300/16220gu sdram-modules data book 11 12.99 notes 1. these parameters depend on the cycle rate. these values are measured at 133 mhz for -7.5 modules and at 100 mhz for -8 modules. input signals are changed once during t ck , except for i cc6 and for standby currents when t ck = infinity. all values are shown per memory component. 2. these parameters are measured with continuous data stream during read access and all dq toggling. cl = 3 and bl = 4 assumed and the v ddq current is excluded. 3. all ac characteristics are shown on sdram component level. an initial pause of 100 m s is required after power-up, then a precharge all banks command must be given followed by eight auto-refresh (cbr) cycles before the mode register set operation can begin. 4. ac timing tests have v il = 0.4 v and v ih = 2.4 v with the timing referenced to the 1.4 v crossover point. the transition time is measured between v ih and v il . all ac measurements assume t t = 1 ns with the ac output load circuit show. specified t ac and t oh parameters are measured with a 50 pf only, without any resistive termination and with a input signal of 1 v/ns edge rate between 0.8 v and 2.0 v. 5. if clock rising time is longer than 1 ns, a time ( t t /2 C 0.5) ns must be added to this parameter. 6. rated at 1.4 v 7. if t t is longer than 1 ns, a time ( t t C 1) ns has to be added to this parameter. 8. anytime the refresh period has been exceeded, a minimum of two auto-refresh (cbr) commands must be given to wake-up the device. 9. timing is asynchronous. if setup time is not met by rising edge of the clock then the cke signal is assumed latched on the next cycle. 10.self-refresh exit is a synchronous operation and begins on the second positive clock edge after cke returns high. self-refresh exit is not complete until a time period equal to t rc is satisfied after the self refresh exit command is registered. 11.this is referenced to the time at which the output achieves the open circuit condition, not to output voltage levels. a serial presence detect storage devicee 2 promis assembled onto the module. information about the module configuration, speed, etc. is written into the e 2 prom device during module production using a serial presence detect protocol (i 2 c synchronous 2-wire bus). spt03404 clock 2.4 v 0.4 v input hold t setup t t t output 1.4 v t lz ac t t ac oh t hz t 1.4 v cl t ch t 50 pf i/o measurement conditions for t ac and t oh
hys 64/72v8300/16220gu sdram-modules data book 12 12.99 spd-table for pc133 modules byte# description spd entry value hex 8m 64 -7.5 8m 72 -7.5 16m 64 -7.5 16m 72 -7.5 0 number of spd bytes 128 80 80 80 80 1 total bytes in serial pd 256 08 08 08 08 2 memory type sdram 04 04 04 04 3 number of row addresses (without bs bits) 12 0c 0c 0c 0c 4 number of column addresses 9 090909 09 5 number of dimm banks 1/2 01 01 02 02 6 module data width 64/72 40 48 40 48 7 module data width (contd) 0 00 00 00 00 8 module interface levels lvttl 01 01 01 01 9 sdram cycle time at cl = 3 7.5ns 757575 75 10 sdram access time from clock at cl = 3 5.4ns 545454 54 11 dimm config none/ecc 00 02 00 02 12 refresh rate/type self-refresh, 15.6 m s 80 80 80 80 13 sdram width, primary x8 08 08 08 08 14 error checking sdram data width n/a/x8 00 08 00 08 15 minimum clock delay for back-to-back random column address t ccd =1clk010101 01 16 burst length supported 1, 2, 4, 8 & full page 8f 8f 8f 8f 17 number of sdram banks 4 04 04 04 04 18 supported cas latencies cas latency = 2 &3 06 06 06 06 19 cs latencies cs latency = 0 01 01 01 01 20 we latencies write latency = 0 01 01 01 01 21 sdram dimm module attributes non buffered/non reg. 00 00 00 00 22 sdram device attributes general v dd tol 10% 0e 0e 0e 0e 23 min. clock cycle time at cas latency = 2 10.0ns a0a0a0 a0 24 max. data access time from clock for cl = 2 6.0ns 606060 60
hys 64/72v8300/16220gu sdram-modules data book 13 12.99 25 minimum clock cycle time at cl = 1 not supported ff ff ff ff 26 maximum data access time from clock at cl = 1 not supported ff ff ff ff 27 minimum row precharge time 20 ns 14 14 14 14 28 minimum row active to row active delay t rrd 15 0f 0f 0f 0f 29 minimum ras to cas delay t rcd 20 ns 14 14 14 14 30 minimum ras pulse width t ras 45 ns 2d 2d 2d 2d 31 module bank density (per bank) 64mbyte 101010 10 32 sdram input setup time 1.5 ns 15 15 15 15 33 sdram input hold time 0.8 ns 08 08 08 08 34 sdram data input hold time 1.5ns 151515 15 35 sdram data input setup time 0.8ns 080808 08 62-61 superset information (may be used in future) C ffffff ff 62 spd revision revision 1.2 12 12 12 12 63 checksum for bytes 0 - 62 C 82 94 83 95 64-125 manufacturers information C xx xx xx xx 126 frequency specification 64 64 64 64 127 support details C ad ad fd fd 128+ unused storage locations C ff ff ff ff spd-table for pc133 modules (contd) byte# description spd entry value hex 8m 64 -7.5 8m 72 -7.5 16m 64 -7.5 16m 72 -7.5
hys 64/72v8300/16220gu sdram-modules data book 14 12.99 spd-table for pc100 modules byte# description spd entry value hex 8m 64 -8 8m 72 -8 16m 64 -8 16m 72 -8 0 number of spd bytes 128 80 80 80 80 1 total bytes in serial pd 256 08 08 08 08 2 memory type sdram 04 04 04 04 3 number of row addresses (without bs bits) 12 0c 0c 0c 0c 4 number of column addresses 909090909 5 number of dimm banks 1/2 01 01 02 02 6 module data width 64/72 40 48 40 48 7 module data width (contd) 0 00 00 00 00 8 module interface levels lvttl 01 01 01 01 9 sdram cycle time at cl = 3 10.0 ns a0 a0 a0 a0 10 sdram access time from clock at cl = 3 6.0 ns 60 60 60 60 11 dimm config none/ecc 00 02 00 02 12 refresh rate/type self-refresh, 15.6 m s 80 80 80 80 13 sdram width, primary x8 08 08 08 08 14 error checking sdram data width n/a/x8 00 08 00 08 15 minimum clock delay for back-to-back random column address t ccd =1clk 01 01 01 01 16 burst length supported 1, 2, 4, 8 & full page 8f 8f 8f 8f 17 number of sdram banks 4 04 04 04 04 18 supported cas latencies cas latency = 2 & 3 06 06 06 06 19 cs latencies cs latency = 0 01 01 01 01 20 we latencies write latency = 0 01 01 01 01 21 sdram dimm module attributes non buffered/non reg. 00 00 00 00 22 sdram device attributes general v dd tol 10% 0e 0e 0e 0e 23 min. clock cycle time at cas latency = 2 10.0/12.0 ns a0 a0 a0 a0 24 max. data access time from clock for cl = 2 6.0/7.0 ns 60 60 60 60
hys 64/72v8300/16220gu sdram-modules data book 15 12.99 25 minimum clock cycle time at cl = 1 not supported ff ff ff ff 26 maximum data access time from clock at cl = 1 not supported ff ff ff ff 27 minimum row precharge time 20/30 ns 14 14 14 14 28 minimum row active to row active delay t rrd 16/20 ns 10 10 10 10 29 minimum ras to cas delay t rcd 20 ns 14 14 14 14 30 minimum ras pulse width t ras 45 ns 2d 2d 2d 2d 31 module bank density (per bank) 64 mbyte 10 10 10 10 32 sdram input setup time 2 ns 20 20 20 20 33 sdram input hold time 1 ns 10 10 10 10 34 sdram data input hold time 2ns 20 20 20 20 35 sdram data input setup time 1ns 10 10 10 10 62-61 superset information (may be used in future) C ffffff ff 62 spd revision revision 1.2 12 12 12 12 63 checksum for bytes 0 - 62 C e0 f2 e1 f3 64-125 manufacturers information C xx xx xx xx 126 frequency specification 100 mhz 64 64 64 64 127 100 mhz support details C af af ff ff 128+ unused storage locations C ff ff ff ff spd-table for pc100 modules byte# description spd entry value hex 8m 64 -8 8m 72 -8 16m 64 -8 16m 72 -8
hys 64/72v8300/16220gu sdram-modules data book 16 12.99 package outlines gld09159 133.35 10 11 3 6.35 6.35 41 40 42.18 84 127.35 3 1.27 0.1 85 94 95 124 125 168 2 17.78 0.1 4 3 min. 4 31.75 detail of contacts min. 2.54 1 0.05 1.27 1 1.27 91 x 1.27 = 115.57 3.125 0.2 0.15 4.45 2.26 8.25 +0.1 r1.27 *) on ecc modules only *) *) l-dim-168-30 sdram dimm module package hys 64/72v16220gu sorts of packing package outlines for tubes, trays etc. are contained in our data book package information. dimensions in mm
hys 64/72v8300/16220gu sdram-modules data book 17 12.99 133,35 1 84 17,78 10 11 40 41 85 127,35 168 124 125 66,68 42,18 x) x) on ecc modules only 31.75 94 95 1,27 + 0.1 - dm168-33.wmf 3 1,27 - + - 0,2 0,15 2,54 min. + - 1 0,05 details of contacts 3 max. 2 l-dim-168-33 sdram dimm module package hys 64/72v8300gu sorts of packing package outlines for tubes, trays etc. are contained in our data book package information. dimensions in mm


▲Up To Search▲   

 
Price & Availability of HYS72V16220GU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X